PART |
Description |
Maker |
AT45DB321C-CC AT45DB321C-RI AT45DB321C-CI AT45DB32 |
32 MEGABIT 2.7 VOLT DATAFLASH TRANSI, NPN, 160V, 600MA, 2W, SOT223, CZT5551 DIODE/SM,REC*1A*60V 32M X 1 FLASH 2.7V PROM, PDSO28
|
Atmel Corp. Atmel, Corp.
|
BF393 BF393_D ON0206 |
High Voltage Transistors(NPN) From old datasheet system CASE 29-4, STYLE 1 TO-2 (TO-26AA) HIGH VOLTAGE TRANSISTOR(NPN SILICON) High Voltage Transistor(NPN)
|
Motorola Inc ON Semiconductor Motorola, Inc
|
2SC5077 2SC5077A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 7 A, 500 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2SC3978A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 2 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-220F
|
Panasonic, Corp.
|
2N3501CSM4 |
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、NPN晶体管(陶瓷表贴封装
|
SemeLAB SEME-LAB[Seme LAB]
|
BFN36 BFN38 Q62702-F1303 Q62702-F1246 |
From old datasheet system NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BULD118D-101 BULD118D-1_01 BULD118D-1 BULD118D |
2 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-251AA HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FTSO5551 FTSO5550 2N5681 2N5682 |
NPN small signal high voltage general purpose amplifier . 1.0 Amp 10 watt NPN-PNP complementary power.
|
Fairchild Semiconductor
|
2N3700DCSM |
HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH VOLTAGE/ MEDIUM POWER/ NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Dual Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、双NPN晶体管(陶瓷表贴封装 中高压双电源npn型晶体管在密封的六窑业表面贴装封装,高可靠性的应用(高电压,中等功率,高可靠性,双npn型晶体管(陶瓷表贴封装)
|
SemeLAB SEME-LAB[Seme LAB]
|
STW13009 |
12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-247AD High voltage fast-switching NPN power transistor
|
STMicroelectronics
|
MJE13009 E13009 |
12 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
STMICROELECTRONICS ST Microelectronics
|